PART |
Description |
Maker |
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HD74HC574 HD74HC564 HD74HC574FP HD74HC574P HD74HC5 |
FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|SOP|20PIN|PLASTIC 触发器|八路| D型系列| HC - CMOS制|专科| 20针|塑料 FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|DIP|20PIN|PLASTIC Octal D-type Flip-Flops (with 3-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
AS7C32098A AS7C32098A-20TIN AS7C32098A-10TC AS7C32 |
Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 128K X 16 STANDARD SRAM, 10 ns, PDSO44 Quadruple D-Type Flip-Flops With Clear 16-TVSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SSOP -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SOIC -40 to 85 Quadruple D-Type Flip-Flops With Clear 16-SO -40 to 85 SRAM - 3.3V Fast Asynchronous 3.3 V 128K x 16 CMOS SRAM
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
74LS374 HD74LS374 |
Octal D-type Flip-Flops with noninverted 3-state output Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74BC374A HD74BC374AP HD74BC374AFP |
FLIP-FLOP|OCTAL|D TYPE|BICMOS-TTL|SOP|20PIN|PLASTIC 触发器|八路| D型|的BiCMOS - TTL电|专科| 20针|塑料 WA Series Standard Basic Switch, Single Pole Normally Closed Circuitry, 20 A at 250 Vac, Special Lever Actuator, 0,7 N [2.5 oz] Operating Force, Silver Contacts, Screw Termination Octal D Type Flip Flops With 3 State Outputs
|
Renesas Electronics, Corp. HITACHI[Hitachi Semiconductor]
|
HD74HCT374FPEL HD74HCT374P HD74HCT374RPEL HD74HCT3 |
Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
|
Renesas Electronics Corporation
|
RD74LVC273BFPEL RD74LVC273BTELL |
Octal D-type Flip-Flops with Clear
|
Renesas Electronics Corporation
|
HD74HC273 |
Octal D-type Flip-Flops (with Clear)
|
Renesas Electronics Corporation
|
HD74LVC534 |
Octal D-type Flip Flops with 3-state Outputs(涓??杈?????D瑙????
|
Hitachi,Ltd.
|
HD74LVC534FPEL HD74LVC534TELL HD74LVC534 |
Octal D-type Flip Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
HD74BC374A |
Octal D-type Flip-Flops with 3-state outputs
|
Hitachi Semiconductor
|